PART |
Description |
Maker |
BD45281 BD45282 BD45285 BD45231 BD45231G-TR BD4523 |
Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC) Counter Timer Built-in CMOS Voltage Detector IC Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
|
Rohm
|
BD46401 BD46402 BD46405 BD46411 BD46412 BD46415 BD |
Counter Timer Built-in CMOS Voltage Detector IC
|
Rohm
|
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
Z8430 Z84C3006 Z84C3010 Z0843006 Z84C3008 Z0843004 |
NMOS/CMOS Z80 CTC COUNTER/TIMER CIRCUIT
|
Zilog, Inc.
|
TMP90C141 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit A/D Converter,General Serial Interface,Multifunction Timer/Event Counter(高速、先进的 CMOS 8位微控制器(芯片集成位A/D转换通用串行接口,多功能定时事件计数器))
|
Toshiba Corporation
|
S3P72E8 S3C72E8 |
The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
|
SAMSUNG[Samsung semiconductor]
|
TMP90C051 |
High Speed CMOS 8-bit Microcontroller,Integrating DMA, DRAM
Controller,Serial Interface, Timer/Event Counter(高CMOS 8位微控制器(芯片集成了DMA,DRAM控制器,串行接口,定时器/事件计数器))
|
Toshiba Corporation
|
TMP90CM38 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit A/D,D/A Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter
|
Toshiba Corporation
|
BD87A28FVM-TR BD87A29FVM-TR BD87A34FVM-TR BD87A41F |
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
|
Rohm
|
HS9-82C54RH-Q |
Radiation Hardened CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDFP24
|
Intersil, Corp.
|
Z8036ACM Z8036ACS Z8036ACE Z8036ACMB Z8536ACMB |
Z-CIO and CIO counter/timer And parallel I/O unit, 6 MHz Z-CIO and CIO counter/timer And parallel I/O unit, 6MHz
|
Zilog
|
LH0082 |
Counter Timer Circuit
|
ETC
|